PART |
Description |
Maker |
ATF22V10 ATF22V10B ATF22V10B-10JC ATF22V10B-10JI A |
High- Performance EE PLD FLASH PLD, 25 ns, PDSO24 High- Performance EE PLD FLASH PLD, 25 ns, PDIP24 Single Supply, Dual SPST Switch FLASH PLD, 15 ns, PDIP24 High- Performance EE PLD FLASH PLD, 15 ns, PDIP24 High- Performance EE PLD FLASH PLD, 15 ns, PDSO24 High- Performance EE PLD FLASH PLD, 10 ns, PDIP24 High- Performance EE PLD FLASH PLD, 15 ns, PQCC28 High- Performance EE PLD FLASH PLD, 10 ns, CQCC28 High- Performance EE PLD FLASH PLD, 15 ns, CDIP24 High- Performance EE PLD FLASH PLD, 7.5 ns, PDIP24 High- Performance EE PLD FLASH PLD, 7.5 ns, PDSO24 High- Performance EE PLD FLASH PLD, 10 ns, PDSO24 3.3V, 1 Output, LVTTL to LVPECL Clock Converter CAP 470PF 16V 5% X7R SMD-0603 TR-7 PLATED-NI/SN High-performance EE PLD
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation] http://
|
80960HA 80960HT A80960HT60 A80960HT75SL2GP A80960H |
80960HA/HD/HT 32-Bit High-Performance Superscalar Processor 80960HA/HD/HT 32位高性能超标量处理器 80960HA/HD/HT 32-Bit High-Performance Superscalar Processor 32-BIT, 60 MHz, RISC PROCESSOR, CPGA168 AC 3C 3#16S PIN RECP 80960HA/HD/HT 32-Bit High-Performance Superscalar Processor
|
http:// Intel, Corp. Intel Corp. Intel Corporation
|
TC7129CPL TC7129 TC7129CKW TC7129CLW |
The TC7129 is a 4-1/2 digit analog-to-digital converter (ADC)that directly drives a multiplexed liquid crystal display (LCD).Fabricated in high-performance,low-power CMOS, the TC7129 ADC is designed specifically for high-resolution, batter 4-1/2 Digit Analog-to-Digital Converters with On-Chip LCD Drivers
|
MICROCHIP[Microchip Technology]
|
80960CF-33 80960CF-16 80960CF-25 80960CF-40 |
SPECIAL ENVIRONMENT 80960CF-30/ -25/ -16 32-BIT HIGH-PERFORMANCE SUPERSCALAR PROCESSOR 80960CF-40/ -33/ -25/ -16 32-BIT HIGH-PERFORMANCE SUPERSCALAR EMBEDDED MICROPROCESSOR
|
Intel Corporation
|
IDT79RC64T575-200DP IDT79RC64575 |
High performance 64-Bit Microprocessor High performance 64-bit Microprocessor **NOT RECOMMENDED FOR NEW DESIGNS**
|
IDT
|
NM27C240 NM27C240QE120 |
4 Meg (256K x 16) High Performance CMOS EPROM [Life-time buy] 4,194,304-Bit (256k x 16) High Performance CMOS EPROM 4 /194 /304-Bit (256k x 16) High Performance CMOS EPROM 4,194,304位(256k × 16)高性能的CMOS存储
|
FAIRCHILD[Fairchild Semiconductor]
|
TMP8700CH TMP8700CS TMP8700CK TMP8700CP TMPA8700CS |
High Speed And High Performance CMOS 8-bit Microcontroller,Integrating ROM、RAM,8-Bit A/D Converter,Remote Control Singnal Processor(高速、高性能、CMOS 8位微控制器(芯片集成6K字节ROMK字节位RAM,8位A/D转换器,远程控制信号处理器)) High Speed And High Performance CMOS 8-bit Microcontroller,Integrating ROM、RAM,8-Bit A/D Converter,Remote Control Singnal Processor(高速、高性能、CMOS 8位微控制器(芯片集成0K字节ROMK字节位RAM,8位A/D转换器,远程控制信号处理器)) High Speed And High Performance CMOS 8-bit Microcontroller,Integrating ROM、RAM,8-Bit A/D Converter,Remote Control Singnal Processor(高速、高性能、CMOS 8位微控制器(芯片集成4K字节ROMK字节位RAM,8位A/D转换器,远程控制信号处理器)) High Speed And High Performance CMOS 8-bit Microcontroller,Integrating ROM、RAM,8-Bit A/D Converter,Remote Control Singnal Processor(高速、高性能CMOS 8位微控制器(芯片集成8K字节ROMK字节位RAM,8位A/D转换器,远程控制信号处理器)) High Speed And High Performance CMOS 8-bit Microcontroller,Integrating ROM??AM,8-Bit A/D Converter,Remote Control Singnal Processor(楂??????ц???MOS 8浣?井?у??????????浜?2K瀛??ROM锛?K瀛??浣?AM,8浣?/D杞?????杩???у?淇″?澶?????)
|
Toshiba Corporation
|
ATF22V10C ATF22V10C-10JC ATF22V10C-10JI ATF22V10C- |
High Performance E2 PLD FLASH PLD, 10 ns, PDIP24 Quad Flow through Driver FLASH PLD, 10 ns, PDSO24 High Performance E2 PLD FLASH PLD, 5 ns, PQCC28 High Performance E2 PLD E2类高性能可编程逻辑器件 High Performance E2 PLD FLASH PLD, 7.5 ns, PQCC28 LVDS Dual 2x2 Bi-Directional Crosspoint/Repeater
|
ATM Electronic, Corp. Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
DSPIC30F5011AT-20E/W-ES DSPIC30F5011AT-30I/W-ES DS |
High-Performance, 16-bit Digital Signal Controllers 高性能6位数字信号控制器 High-Performance, 16-bit Digital Signal Controllers 高性能16位数字信号控制器
|
Microchip Technology Inc. Microchip Technology, Inc.
|
MAX5889 MAX5890 MAX5891 MAX5891EGK |
16-Bit, 600Msps, High-Dynamic-Performance DAC with LVDS Inputs Dual Very-High Speed, High-Current Peripheral Drivers 8-CDIP -55 to 125
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc.
|
MN1554 MN1552 MN1500 MN1550 MN1551 |
(MN1550 Series) High Performance Low Power CMOS 4 Bit Single Chip Microcontroller High-Performance Low Power CMOS 4-Bit Single-Chip Microcomputer
|
Panasonic Semiconductor
|